|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DDU37F MECHANICALLY VARIABLE TTL DELAY LINE (SERIES DDU37F) FEATURES * * * * * * * * * * Ideal for "Set and Forget" applications Multi-turn adjustment screw (approx. 40 turns) Input & output fully TTL interfaced & buffered 2 (10 T L fan-out capability) Resolution: As low as 0.12ns Minimum delay (TD0): 6ns typical Output rise time: 2ns typical Min. input pulse width: 20% of maximum delay Power dissipation: 230mW maximum Operating temperature: 0 to 70C (Commercial) -55 to 125C (Military) Temperature coefficient: 100 PPM/C data 3 (R) delay devices, inc. PACKAGES VCC OUT NC DDU37F IN GND DDU37F-xx (Commercial) DDU37F-XXM (Military) xx = Dash number FUNCTIONAL DESCRIPTION The DDU37F-series device is a mechanically variable, FAST-TTL interfaced delay line. The signal input (IN) is reproduced at the tap output (OUT), shifted by an amount which can be adjusted between TD0 and TD0+ TDVAR, where TDVAR is given by the device dash number (See Table). The device operates from a single 5V supply and is TTL interfaced, capable of driving up to 10 TTL loads. PIN DESCRIPTIONS IN OUT VCC GND NC Signal Input Fixed Output +5V Ground No connection SERIES SPECIFICATIONS IN OUT DASH NUMBER SPECIFICATIONS Part Number DDU37F-25 DDU37F-30 DDU37F-40 DDU37F-50 DDU37F-60 DDU37F-70 DDU37F-80 DDU37F-100 DDU37F-120 DDU37F-150 DDU37F-200 TDVAR (ns) 15 20 30 40 50 60 70 90 100 130 180 GND Functional Diagram VCC OUT NC .565 MAX IN GND Note: Other delay times available on request .187 1.750 .285 .125 .020 .100 .200 1.640 .200 MIN .100 .060 .100 .060 .430 Package Dimensions (c) 2001 Data Delay Devices Doc #01016 11/12/01 DATA DELAY DEVICES, INC. 3 Mt. Prospect Ave. Clifton, NJ 07013 1 DDU37F APPLICATION NOTES HIGH FREQUENCY RESPONSE The DDU37F tolerances are guaranteed for input pulse widths and periods greater than those specified in the test conditions. Although the device will function properly for pulse widths as small as 20% of the total delay and periods as small as 40% of the total delay (for a symmetric input), the delays may deviate from their values at low frequency. However, for a given input condition, the deviation will be repeatable from pulse to pulse. Contact technical support at Data Delay Devices if your application requires device testing at a specific input condition. POWER SUPPLY BYPASSING The DDU37F relies on a stable power supply to produce repeatable delays within the stated tolerances. A 0.1uf capacitor from VCC to GND, located as close as possible to the VCC pin, is recommended. A wide VCC trace and a clean ground plane should be used. DEVICE SPECIFICATIONS TABLE 1: ABSOLUTE MAXIMUM RATINGS PARAMETER DC Supply Voltage Input Pin Voltage Storage Temperature Lead Temperature SYMBOL VCC VIN TSTRG TLEAD MIN -0.3 -0.3 -55 MAX 7.0 VDD+0.3 150 300 UNITS V V C C NOTES 10 sec TABLE 2: DC ELECTRICAL CHARACTERISTICS (0C to 70C, 4.75V to 5.25V) PARAMETER High Level Output Voltage Low Level Output Voltage High Level Output Current Low Level Output Current High Level Input Voltage Low Level Input Voltage Input Clamp Voltage Input Current at Maximum Input Voltage High Level Input Current Low Level Input Current Short-circuit Output Current Output High Fan-out Output Low Fan-out SYMBOL VOH VOL IOH IOL VIH VIL VIK IIHH IIH IIL IOS MIN 2.5 TYP 3.4 0.35 MAX UNITS V V mA mA V V V mA A mA mA Unit Load NOTES VCC = MIN, IOH = MAX VIH = MIN, VIL = MAX VCC = MIN, IOL = MAX VIH = MIN, VIL = MAX 0.5 -1.0 20.0 2.0 0.8 -1.2 0.1 20 -0.6 -150 25 12.5 VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX -60 Doc #01016 11/12/01 DATA DELAY DEVICES, INC. Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com 2 DDU37F DELAY LINE AUTOMATED TESTING TEST CONDITIONS INPUT: o o Ambient Temperature: 25 C 3 C Supply Voltage (Vcc): 5.0V 0.1V Input Pulse: High = 3.0V 0.1V Low = 0.0V 0.1V Source Impedance: 50 Max. Rise/Fall Time: 3.0 ns Max. (measured between 0.6V and 2.4V ) Pulse Width: PWIN = 1.5 x Total Delay Period: PERIN = 10 x Total Delay OUTPUT: Load: Cload: Threshold: 1 FAST-TTL Gate 5pf 10% 1.5V (Rising & Falling) NOTE: The above conditions are for test only and do not in any way restrict the operation of the device. OUT PULSE GENERATOR TRIG IN DEVICE UNDER TEST (DUT) OUT IN TRIG OSCILLOSCOPE Test Setup PERIN PWIN TRISE INPUT SIGNAL 2.4 1.5 0.6 TFALL VIH 2.4 1.5 0.6 VIL DFALL VOH DRISE OUTPUT SIGNAL 1.5 1.5 VOL Timing Diagram For Testing Doc #01016 11/12/01 DATA DELAY DEVICES, INC. 3 Mt. Prospect Ave. Clifton, NJ 07013 3 |
Price & Availability of DDU37F-XXM |